| 전자부품 데이터시트 검색엔진 |
|
MCP4812T-E/MS 데이터시트(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4812T-E/MS 데이터시트(HTML) 25 Page - Microchip Technology |
|
25 / 46 page ![]() 2010 Microchip Technology Inc. DS22249A-page 25 MCP4802/4812/4822 6.0 TYPICAL APPLICATIONS The MCP4802/4812/4822 family of devices are general purpose DACs for various applications where a precision operation with low-power and internal voltage reference is required. Applications generally suited for the devices are: • Set Point or Offset Trimming • Sensor Calibration • Precision Selectable Voltage Reference • Portable Instrumentation (Battery-Powered) • Calibration of Optical Communication Devices 6.1 Digital Interface The MCP4802/4812/4822 devices utilize a 3-wire synchronous serial protocol to transfer the DAC’s setup and input codes from the digital devices. The serial protocol can be interfaced to SPI or Microwire peripherals that is common on many microcontroller units (MCUs), including Microchip’s PIC® MCUs and dsPIC® DSCs. In addition to the three serial connections (CS, SCK and SDI), the LDAC signal synchronizes the two DAC outputs. By bringing down the LDAC pin to “low”, all DAC input codes and settings in the two DAC input reg- isters are latched into their DAC output registers at the same time. Therefore, both DACA and DACB outputs are updated at the same time. Figure 6-1 shows an example of the pin connections. Note that the LDAC pin can be tied low (VSS) to reduce the required connections from 4 to 3 I/O pins. In this case, the DAC output can be immediately updated when a valid 16 clock transmission has been received and the CS pin has been raised. 6.2 Power Supply Considerations The typical application will require a bypass capacitor in order to filter out the noise in the power supply traces. The noise can be induced onto the power supply's traces from various events such as digital switching or as a result of changes on the DAC's output. The bypass capacitor helps to minimize the effect of these noise sources. Figure 6-1 illustrates an appropriate bypass strategy. In this example, two bypass capacitors are used in parallel: (a) 0.1 µF (ceramic) and (b)10 µF (tantalum). These capacitors should be placed as close to the device power pin (VDD) as possible (within 4 mm). The power source supplying these devices should be as clean as possible. If the application circuit has separate digital and analog power supplies, VDD and VSS of the device should reside on the analog plane. 6.3 Output Noise Considerations The voltage noise density (in µV/ Hz) is illustrated in Figure 2-13. This noise appears at VOUTX, and is primarily a result of the internal reference voltage. Its 1/f corner (fCORNER) is approximately 400 Hz. Figure 2-14 illustrates the voltage noise (in mVRMS or mVP-P). A small bypass capacitor on VOUTX is an effective method to produce a single-pole Low-Pass Filter (LPF) that will reduce this noise. For instance, a bypass capacitor sized to produce a 1 kHz LPF would result in an ENREF of about 100 µVRMS. This would be necessary when trying to achieve the low DNL error performance (at G = 1) that the MCP4802/4812/4822 devices are capable of. The tested range for stability is .001µF through 4.7 µF. FIGURE 6-1: Typical Connection Diagram. 6.4 Layout Considerations Inductively-coupled AC transients and digital switching noises can degrade the output signal integrity, and potentially reduce the device performance. Careful board layout will minimize these effects and increase the Signal-to-Noise Ratio (SNR). Bench testing has shown that a multi-layer board utilizing a low-inductance ground plane, isolated inputs and isolated outputs with proper decoupling, is critical for the best performance. Particularly harsh environments may require shielding of critical signals. Breadboards and wire-wrapped boards are not recommended if low noise is desired. VDD VDD VDD AVSS AVSS VSS VOUTA VOUTB VOUTA VOUTB SDI SDI CS1 SDO SCK LDAC CS0 1µF 1µF C1 = 10 µF C2 = 0.1 µF C1 C2 C2 C1 C1 C2 |