| 전자부품 데이터시트 검색엔진 |
|
MCP4822-E/MS 데이터시트(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4822-E/MS 데이터시트(HTML) 43 Page - Microchip Technology |
|
43 / 46 page ![]() 2010 Microchip Technology Inc. DS22249A-page 43 MCP4802/4812/4822 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Temperature Range Device Device: MCP4802: Dual 8-Bit Voltage Output DAC MCP4802T: Dual 8-Bit Voltage Output DAC (Tape and Reel, MSOP and SOIC only) MCP4812: Dual 10-Bit Voltage Output DAC MCP4812T: Dual 10-Bit Voltage Output DAC (Tape and Reel, MSOP and SOIC only) MCP4822: Dual 12-Bit Voltage Output DAC MCP4822T: Dual 12-Bit Voltage Output DAC (Tape and Reel, MSOP and SOIC only) Temperature Range: E= -40 C to +125C (Extended) Package: MS = 8-Lead Plastic Micro Small Outline (MSOP) P = 8-Lead Plastic Dual In-Line (PDIP) SN = 8-Lead Plastic Small Outline - Narrow, 150 mil (SOIC) Examples: a) MCP4802-E/MS: Extended temperature, MSOP package. b) MCP4802T-E/MS: Extended temperature, MSOP package, Tape and Reel. c) MCP4802-E/P: Extended temperature, PDIP package. d) MCP4802-E/SN: Extended temperature, SOIC package. e) MCP4802T-E/SN: Extended temperature, SOIC package, Tape and Reel. a) MCP4812-E/MS: Extended temperature, MSOP package. b) MCP4812T-E/MS: Extended temperature, MSOP package, Tape and Reel. c) MCP4812-E/P: Extended temperature, PDIP package. d) MCP4812-E/SN: Extended temperature, SOIC package. e) MCP4812T-E/SN: Extended temperature, SOIC package, Tape and Reel. a) MCP4822-E/MS: Extended temperature, MSOP package. b) MCP4822T-E/MS: Extended temperature, MSOP package, Tape and Reel. c) MCP4822-E/P: Extended temperature, PDIP package. d) MCP4822-E/SN: Extended temperature, SOIC package. e) MCP4822T-E/SN: Extended temperature, SOIC package, Tape and Reel. |