전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC12F1822-E/SS 데이터시트(PDF) 82 Page - Microchip Technology

부품명 PIC12F1822-E/SS
상세설명  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/SS 데이터시트(HTML) 82 Page - Microchip Technology

Back Button PIC12F1822-E/SS Datasheet HTML 78Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 79Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 80Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 81Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 82Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 83Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 84Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 85Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 82
Preliminary
 2010 Microchip Technology Inc.
TABLE 7-5:
SUMMARY OF REGISTERS ASSOCIATED WITH RESETS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
BORCON SBOREN
—
—
—
—
—
—
BORRDY
77
PCON
STKOVF
STKUNF
—
—RMCLR
RI
POR
BOR
81
STATUS
—
—
—TO
PD
Z
DC
C
24
WDTCON
—
—
WDTPS4 WDTPS3 WDTPS2 WDTPS1 WDTPS0 SWDTEN
101
Legend: — = unimplemented bit, reads as ‘0’. Shaded cells are not used by Resets.
Note 1: Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More