| 전자부품 데이터시트 검색엔진 |
|
PIC16F707-E/ML 데이터시트(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-E/ML 데이터시트(HTML) 77 Page - Microchip Technology |
|
77 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 77 PIC16F707/PIC16LF707 8.2 Code Protection If the code protection bit(s) have not been programmed, the on-chip program memory can be read out using ICSP™ for verification purposes. 8.3 User ID Four memory locations (2000h-2003h) are designated as ID locations where the user can store checksum or other code identification numbers. These locations are not accessible during normal execution, but are read- able and writable during Program/Verify mode. Only the Least Significant 7 bits of the ID locations are reported when using MPLAB IDE. See the “PIC16F707/PIC16LF707 Memory Programming Specification” (DS41332) for more information. Note: The entire Flash program memory will be erased when the code protection is turned off. See the “PIC16F707/PIC16LF707 Memory Programming Specification” (DS41332) for more information. |