| 전자부품 데이터시트 검색엔진 |
|
PIC16F707-E/ML 데이터시트(PDF) 125 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-E/ML 데이터시트(HTML) 125 Page - Microchip Technology |
|
125 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 125 PIC16F707/PIC16LF707 REGISTER 16-2: CPSxCON1: CAPACITIVE SENSING CONTROL REGISTER 1 U-0 U-0 U-0 U-0 R/W-0/0 R/W-0/0 R/W-0/0 R/W-0/0 — — — — CPSxCH3 CPSxCH2 CPSxCH1 CPSxCH0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7-4 Unimplemented: Read as ‘0’ bit 3-0 CPSxCH<3:0>: Capacitive Sensing Channel Select bits If CPSxON = 0: These bits are ignored. No channel is selected. If CPSxON = 1: 0000 = channel 0, (CPSx0) 0001 = channel 1, (CPSx1) 0010 = channel 2, (CPSx2) 0011 = channel 3, (CPSx3) 0100 = channel 4, (CPSx4) 0101 = channel 5, (CPSx5) 0110 = channel 6, (CPSx6) 0111 = channel 7, (CPSx7) 1000 = channel 8, (CPSx8) 1001 = channel 9, (CPSx9) 1010 = channel 10, (CPSx10) 1011 = channel 11, (CPSx11) 1100 = channel 12, (CPSx12) 1101 = channel 13, (CPSx13) 1110 = channel 14, (CPSx14) 1111 = channel 15, (CPSx15) |