| 전자부품 데이터시트 검색엔진 |
|
PIC16F707-E/ML 데이터시트(PDF) 130 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-E/ML 데이터시트(HTML) 130 Page - Microchip Technology |
|
130 / 284 page ![]() PIC16F707/PIC16LF707 DS41418A-page 130 Preliminary 2010 Microchip Technology Inc. TABLE 17-3: SUMMARY OF REGISTERS ASSOCIATED WITH CAPTURE Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ANSELB ANSB7 ANSB6 ANSB5 ANSB4 ANSB3 ANSB2 ANSB1 ANSB0 1111 1111 1111 1111 ANSELC ANSC7 ANSC6 ANSC5 — — ANSC2 ANSC1 ANSC0 111- -111 111- -111 APFCON — — — — — — SSSEL CCP2SEL ---- --00 ---- --00 CCP1CON — — DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000 CCP2CON — — DC2B1 DC2B0 CCP2M3 CCP2M2 CCP2M1 CCP2M0 --00 0000 --00 0000 CCPRxL Capture/Compare/PWM Register X Low Byte xxxx xxxx uuuu uuuu CCPRxH Capture/Compare/PWM Register X High Byte xxxx xxxx uuuu uuuu INTCON GIE PEIE TMR0IE INTE RBIE TMR0IF INTF RBIF 0000 000x 0000 000x PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 PIE2 TMR3GIE TMR3IE TMRBIE TMRAIE — — — CCP2IE 0000 ---0 0000 ---0 PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 PIR2 TMR3GIF TMR3IF TMRBIF TMRAIF — — — CCP2IF 0000 ---0 0000 ---0 T1CON TMR1CS1 TMR1CS0 T1CKPS1 T1CKPS0 T1OSCEN T1SYNC —TMR1ON 0000 00-0 uuuu uu-u T1GCON TMR1GE T1GPOL T1GTM T1GSPM T1GGO/ DONE T1GVAL T1GSS1 T1GSS0 0000 0x00 0000 0x00 TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 1111 1111 1111 1111 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 Legend: - = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Capture. |