| 전자부품 데이터시트 검색엔진 |
|
PIC16F707-E/ML 데이터시트(PDF) 153 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-E/ML 데이터시트(HTML) 153 Page - Microchip Technology |
|
153 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 153 PIC16F707/PIC16LF707 FIGURE 18-8: SYNCHRONOUS RECEPTION (MASTER MODE, SREN) CREN bit RX/DT Write to bit SREN SREN bit RCIF bit (Interrupt) Read RCREG ‘0’ bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 ‘0’ Note: Timing diagram demonstrates Synchronous Master mode with bit SREN = 1 and bit BRGH = 0. TX/CK pin pin TABLE 18-7: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER RECEPTION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ANSELC ANSC7 ANSC6 ANSC5 — — ANSC2 ANSC1 ANSC0 111- -111 111- -111 INTCON GIE PEIE TMR0IE INTE RBIE TMR0IF INTF RBIF 0000 000x 0000 000x PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 RCREG AUSART Receive Data Register 0000 0000 0000 0000 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000X 0000 000X TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 TXSTA CSRC TX9 TXEN SYNC —BRGH TRMT TX9D 0000 -010 0000 -010 Legend: x = unknown, - = unimplemented read as ‘0’. Shaded cells are not used for synchronous master reception. |