| 전자부품 데이터시트 검색엔진 |
|
PIC16F722A-E/ML 데이터시트(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722A-E/ML 데이터시트(HTML) 85 Page - Microchip Technology |
|
85 / 284 page ![]() 2010 Microchip Technology Inc. DS41417A-page 85 PIC16F/LF722A/723A 8.2 Code Protection If the code protection bit(s) have not been programmed, the on-chip program memory can be read out using ICSP™ for verification purposes. 8.3 User ID Four memory locations (2000h-2003h) are designated as ID locations where the user can store checksum or other code identification numbers. These locations are not accessible during normal execution, but are read- able and writable during Program/Verify mode. Only the Least Significant 7 bits of the ID locations are reported when using MPLAB IDE. See the “PIC16F72X/PIC16LF72X Memory Programming Specification” (DS41332) for more information. Note: The entire Flash program memory will be erased when the code protection is turned off. See the “PIC16F72X/PIC16LF72X Memory Programming Specification” (DS41332) for more information. |