| 전자부품 데이터시트 검색엔진 |
|
PIC16F722AT-I/SS 데이터시트(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-I/SS 데이터시트(HTML) 6 Page - Microchip Technology |
|
6 / 284 page ![]() PIC16F/LF722A/723A DS41417A-page 6 2010 Microchip Technology Inc. TABLE 1: 28-PIN PDIP/SOIC/SSOP/QFN/UQFN SUMMARY (PIC16F/LF722A/723A) I/O 28-Pin PDIP, SOIC, SSOP 28-Pin QFN, UQFN A/D Cap Sensor Timers CCP AUSART SSP Interrupt Pull-Up Basic RA0 2 27 AN0 — — — — SS(3) — — VCAP(4) RA1 3 28 AN1 — — — — — — — — RA2 4 1 AN2 — — — — — — — — RA3 5 2 AN3/VREF —— — — — — — — RA4 6 3 — CPS6 T0CKI — — — — — — RA5 7 4 AN4 CPS7 — — — SS(3) —— VCAP(4) RA6 10 7 — — — — — — — — OSC2/CLKOUT/VCAP(4) RA7 9 6 — — — — — — — — OSC1/CLKIN RB0 21 18 AN12 CPS0 — — — — IOC/INT Y — RB1 22 19 AN10 CPS1 — — — — IOC Y — RB2 23 20 AN8 CPS2 — — — — IOC Y — RB3 24 21 AN9 CPS3 — CCP2(2) — — IOC Y — RB4 25 22 AN11 CPS4 — — — — IOC Y — RB5 26 23 AN13 CPS5 T1G — — — IOC Y — RB6 27 24 — — — — — — IOC Y ICSPCLK/ICDCLK RB7 28 25 — — — — — — IOC Y ICSPDAT/ICDDAT RC0 11 8 — — T1OSO/T1CKI — — — — — — RC1 12 9 — — T1OSI CCP2(2) —— — — — RC2 13 10 — — — CCP1 — — — — — RC3 14 11 — — — — — SCK/SCL — — — RC4 15 12 — — — — SDI/SDA — — — RC5 16 13 — — — — — SDO — — — RC6 17 14 — — — — TX/CK — — — — RC7 18 15 — — — — RX/DT — — — — RE3 1 26 — — — — — — — Y(1) MCLR/VPP —20 17 — — — — — — — — VDD — 8,19 5,16 — — — — — — — — VSS Note 1: Pull-up enabled only with external MCLR configuration. 2: RC1 is the default pin location for CCP2. RB3 may be selected by changing the CCP2SEL bit in the APFCON register. 3: RA5 is the default pin location for SS. RA0 may be selected by changing the SSSEL bit in the APFCON register. 4: PIC16F722A/723A devices only. Note: The PIC16F722A/723A devices have an internal low dropout voltage regulator. An external capacitor must be connected to one of the available VCAP pins to stabilize the regulator. For more information, see Section 5.0 “Low Dropout (LDO) Voltage Regulator”. The PIC16LF722A/723A devices do not have the voltage regulator and therefore no external capacitor is required. |