전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F14K22-E/SS 데이터시트(PDF) 89 Page - Microchip Technology

부품명 PIC18F14K22-E/SS
상세설명  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22-E/SS 데이터시트(HTML) 89 Page - Microchip Technology

Back Button PIC18F14K22-E/SS Datasheet HTML 85Page - Microchip Technology PIC18F14K22-E/SS Datasheet HTML 86Page - Microchip Technology PIC18F14K22-E/SS Datasheet HTML 87Page - Microchip Technology PIC18F14K22-E/SS Datasheet HTML 88Page - Microchip Technology PIC18F14K22-E/SS Datasheet HTML 89Page - Microchip Technology PIC18F14K22-E/SS Datasheet HTML 90Page - Microchip Technology PIC18F14K22-E/SS Datasheet HTML 91Page - Microchip Technology PIC18F14K22-E/SS Datasheet HTML 92Page - Microchip Technology PIC18F14K22-E/SS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 388 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41365D-page 89
PIC18F1XK22/LF1XK22
TABLE 8-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
ANSELH
—
—
—
—
ANS11
ANS10
ANS9
ANS8
260
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RABIE
TMR0IF
INT0IF
RABIF
257
INTCON2
RABPU
INTEDG0 INTEDG1 INTEDG2
—
TMR0IP
—RABIP
257
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
260
LATB
LATB7
LATB6
LATB5
LATB4
—
—
—
—260
PORTB
RB7
RB6
RB5
RB4
—
—
—
—260
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
259
SLRCON
—
—
—
—
—
SLRC
SLRB
SLRA
260
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
258
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—260
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
259
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
—
—
—
—260
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More