| 전자부품 데이터시트 검색엔진 |
|
PIC18F23K20-E/SP 데이터시트(PDF) 452 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/SP 데이터시트(HTML) 452 Page - Microchip Technology |
|
452 / 456 page ![]() PIC18F2XK20/4XK20 DS41303G-page 452 2010 Microchip Technology Inc. A/D Conversion Requirements ................................ 402 Capture/Compare/PWM Requirements ................... 390 CLKO and I/O Requirements ................................... 387 Example SPI Mode Requirements (Master Mode, CKE = 0) .................................. 392 (Master Mode, CKE = 1) .................................. 393 (Slave Mode, CKE = 0) .................................... 394 (Slave Mode, CKE = 1) .................................... 395 External Clock Requirements .................................. 385 I2C Bus Data Requirements (Slave Mode) .............. 397 I2C Bus Start/Stop Bits Requirements (Slave Mode) .................................................... 396 Master SSP I2C Bus Data Requirements ................ 399 Master SSP I2C Bus Start/Stop Bits Requirements ................................................... 398 Parallel Slave Port Requirements (PIC18F4X20) .... 391 PLL Clock ................................................................. 386 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer and Brown-out Reset Requirements ................................................... 388 Timer0 and Timer1 External Clock Requirements ... 389 USART Synchronous Receive Requirements ......... 400 USART Synchronous Transmission Requirements ................................................... 400 Top-of-Stack Access .......................................................... 66 TRISE Register ................................................................ 134 PSPMODE Bit .......................................................... 130 TSTFSZ ............................................................................ 355 Two-Speed Clock Start-up Mode ....................................... 38 Two-Speed Start-up ......................................................... 299 Two-Word Instructions Example Cases .......................................................... 70 TXREG ............................................................................. 239 TXSTA Register ............................................................... 246 BRGH Bit ................................................................. 249 V Voltage Reference (VR) Specifications ........................................................... 381 Voltage Reference. See Comparator Voltage Reference (CVREF) Voltage References Fixed Voltage Reference (FVR) ............................... 290 VR Stabilization ........................................................ 290 VREF. SEE ADC Reference Voltage W Wake-up on Break ........................................................... 254 Watchdog Timer (WDT) ........................................... 299, 308 Associated Registers ............................................... 309 Control Register ....................................................... 309 Programming Considerations .................................. 308 WCOL ...................................................... 223, 224, 225, 228 WCOL Status Flag ................................... 223, 224, 225, 228 WDTCON Register ........................................................... 309 WWW Address ................................................................. 453 WWW, On-Line Support ..................................................... 10 X XORLW ............................................................................ 355 XORWF ............................................................................ 356 |