| 전자부품 데이터시트 검색엔진 |
|
PIC18F23K20-E/SP 데이터시트(PDF) 455 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/SP 데이터시트(HTML) 455 Page - Microchip Technology |
|
455 / 456 page ![]() 2010 Microchip Technology Inc. DS41303G-page 455 PIC18F2XK20/4XK20 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC18F23K20(1), PIC18F24K20(1), PIC18F25K20(1), PIC18F26K20(1), PIC18F43K20(1), PIC18F44K20(1), PIC18F45K20(1), PIC18F46K20(1) Temperature Range: E= -40 C to +125C (Extended) I= -40 C to +85C (Industrial) Package: ML = QFN MV = UQFN P= PDIP PT = TQFP (Thin Quad Flatpack) SO = SOIC SP = Skinny Plastic DIP SS = SSOP Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) PIC18F45K20-E/P 301 = Extended temp., PDIP package, QTP pattern #301. b) PIC18F23K20-I/SO = Industrial temp., SOIC package. c) PIC18F44K20-E/P = Extended temp., PDIP package. d) PIC18F46K20T-I/TP = Industrial temp., TQFP package, tape and reel. Note 1: T = Part number appended with T indicates tape and reel. P and SP package options not available in tape and reel. |