전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RE46C162 데이터시트(PDF) 5 Page - Microchip Technology

부품명 RE46C162
상세설명  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C162 데이터시트(HTML) 5 Page - Microchip Technology

  RE46C162 Datasheet HTML 1Page - Microchip Technology RE46C162 Datasheet HTML 2Page - Microchip Technology RE46C162 Datasheet HTML 3Page - Microchip Technology RE46C162 Datasheet HTML 4Page - Microchip Technology RE46C162 Datasheet HTML 5Page - Microchip Technology RE46C162 Datasheet HTML 6Page - Microchip Technology RE46C162 Datasheet HTML 7Page - Microchip Technology RE46C162 Datasheet HTML 8Page - Microchip Technology RE46C162 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2010 Microchip Technology Inc.
DS22245A-page 5
RE46C162/163
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD....................................................................................15V
Input Voltage Range Except FEED, I/O ........... VIN=-.3V to VDD +.3V
FEED Input Voltage Range .................... VINFD = -10 to +22V
I/O Input Voltage Range................................VIO1 = -.3 to 15V
Reverse Battery Time ...............................................TRB =5S
Input Current except FEED................................... IIN = 10 mA
Operating Temperature ............................... TA = -10 to +60°C
Storage Temperature ............................TSTG = -55 to +125°C
Maximum Junction Temperature......................... TJ = +150°C
† Notice:
Stresses above those listed under “Maximum rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
DC ELECTRICAL CHARACTERISTICS
DC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = +25°C, VDD = 9V,
OSCAP = .1 µF, RBIAS = 8.2 M
, VSS = 0V
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
66
12
V
Operating
Supply Current
IDD1
6
5
6.5
µA
RBIAS = 8.2 MW, OSCAP = .1 µF
IDD2
6
9
µA
RBIAS = 8.2 MW, OSCAP = .1 µF;
VDD = 12V
Input Voltage High
VIH1
3,8
6.2
4.5
V
Note 2
VIH2
2
3
V
No local alarm, I/O as an input
VIH3
14.5
V
Input Voltage Low
VIL1
3,8
4.5
2.7
V
Note 2
VIL2
2
1
V
No local alarm, I/O as an input
VIL3
1—
2.5
V
Input Leakage Low
ILDET1
15
-0.75
pA
VDD = 9V, DETECT = VSS,
0-40% RH
ILDET2
15
-1.50
pA
VDD = 9V, DETECT = VSS, 85%
RH Note 1
ILFD
8
-50
µA
FEED = -10V
ILTONE
3—
-100
nA
TONE = VSS
Input Leakage High
IHDET1
15
0.75
pA
VDD = 9V, DETECT = VDD,
0-40% RH
IHDET2
15
1.50
pA
VDD = 9V, DETECT = VDD,
85% RH Note 1
IHFD
8
50
µA
FEED = 22V
IIOL2
2
150
µA
No alarm, VIO = 15V
IHTONE
3
100
nA
TONE = VDD
Output Off Leakage High
IIOHZ
4,5
1
µA
Outputs off
Input Pull Down Current
IPD1
1
20
50
80
µA
TSTART = 9V
Output High Voltage
VOH1
10,11
6.3
V
IOH = -16 mA, VDD = 7.2V
Note
1:
Sample test only.
2:
Not 100% production tested.
3:
Production test at room with temperature guard banded limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com