전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA102-I/SP 데이터시트(PDF) 82 Page - Microchip Technology

부품명 PIC24F16KA102-I/SP
상세설명  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/SP 데이터시트(HTML) 82 Page - Microchip Technology

Back Button PIC24F16KA102-I/SP Datasheet HTML 78Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 79Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 80Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 81Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 82Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 83Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 84Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 85Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 80
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 8-14:
IPC1: INTERRUPT PRIORITY CONTROL REGISTER 1
U-0
R/W-1
R/W-0
R/W-0
U-0
U-0
U-0
U-0
—
T2IP2
T2IP1
T2IP0
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14-12
T2IP<2:0>:
Timer2 Interrupt Priority bits
111
= Interrupt is priority 7 (highest priority interrupt)
•
•
•
001
= Interrupt is priority 1
000
= Interrupt source is disabled
bit 11-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More