전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F722-MV/SS 데이터시트(PDF) 6 Page - Microchip Technology

부품명 PIC16F722-MV/SS
상세설명  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-MV/SS 데이터시트(HTML) 6 Page - Microchip Technology

Back Button PIC16F722-MV/SS Datasheet HTML 2Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 3Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 4Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 5Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 6Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 7Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 8Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 9Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 6
© 2009 Microchip Technology Inc.
TABLE 1:
28-PIN PDIP/SOIC/SSOP/QFN/UQFN SUMMARY
(PIC16F722/723/726/PIC16LF722/723/726)
I/O
28-Pin
PDIP,
SOIC,
SSOP
28-Pin
QFN,
UQFN
A/D
Cap Sensor
Timers
CCP
AUSART
SSP
Interrupt Pull-Up
Basic
RA0
2
27
AN0
—
—
—
—
SS(3)
—
—
VCAP(4)
RA1
3
28
AN1
—
—
—
—
—
—
—
—
RA2
4
1
AN2
—
—
—
—
—
—
—
—
RA3
5
2
AN3/VREF
——
—
—
—
—
—
—
RA4
6
3
—
CPS6
T0CKI
—
—
—
—
—
—
RA5
7
4
AN4
CPS7
—
—
—
SS(3)
——
VCAP(4)
RA6
10
7
—
—
—
—
—
—
—
—
OSC2/CLKOUT/VCAP(4)
RA7
9
6
—
—
—
—
—
—
—
—
OSC1/CLKIN
RB0
21
18
AN12
CPS0
—
—
—
—
IOC/INT
Y
—
RB1
22
19
AN10
CPS1
—
—
—
—
IOC
Y
—
RB2
23
20
AN8
CPS2
—
—
—
—
IOC
Y
—
RB3
24
21
AN9
CPS3
—
CCP2(2)
—
—
IOC
Y
—
RB4
25
22
AN11
CPS4
—
—
—
—
IOC
Y
—
RB5
26
23
AN13
CPS5
T1G
—
—
—
IOC
Y
—
RB6
27
24
—
—
—
—
—
—
IOC
Y
ICSPCLK/ICDCLK
RB7
28
25
—
—
—
—
—
—
IOC
Y
ICSPDAT/ICDDAT
RC0
11
8
—
—
T1OSO/T1CKI
—
—
—
—
—
—
RC1
12
9
—
—
T1OSI
CCP2(2)
——
—
—
—
RC2
13
10
—
—
—
CCP1
—
—
—
—
—
RC3
14
11
—
—
—
—
—
SCK/SCL
—
—
—
RC4
15
12
—
—
—
—
SDI/SDA
—
—
—
RC5
16
13
—
—
—
—
—
SDO
—
—
—
RC6
17
14
—
—
—
—
TX/CK
—
—
—
—
RC7
18
15
—
—
—
—
RX/DT
—
—
—
—
RE3
1
26
—
—
—
—
—
—
—
Y(1)
MCLR/VPP
—20
17
—
—
—
—
—
—
—
—
VDD
—
8,19
5,16
—
—
—
—
—
—
—
—
VSS
Note
1:
Pull-up enabled only with external MCLR configuration.
2:
RC1 is the default pin location for CCP2. RB3 may be selected by changing the CCP2SEL bit in the APFCON register.
3:
RA5 is the default pin location for SS. RA0 may be selected by changing the SSSEL bit in the APFCON register.
4:
PIC16F72X devices only.
Note:
The PIC16F72X devices have an internal low dropout voltage regulator. An external capacitor must be
connected to one of the available VCAP pins to stabilize the regulator. For more information, see
Section 5.0 “Low Dropout (LDO) Voltage Regulator”. The PIC16LF72X devices do not have the voltage
regulator and therefore no external capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More