| 전자부품 데이터시트 검색엔진 |
|
DVA16XP280 데이터시트(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DVA16XP280 데이터시트(HTML) 5 Page - Microchip Technology |
|
5 / 18 page ![]() © 2006 Microchip Technology Inc. DS51140M-page 5 Processor Module and Device Adapter Specification 5.1 DVA12XP080 5.2 DVA12XP081 This device adapter is intended for use with PIC12C50X 8-pin DIP devices. It has four mechanical switches that allow target pins GP2 to GP5 to be routed to the emulator silicon on the PCM16XA0 processor module or the oscillator chip on the device adapter, as shown in Table 5-1. In addition, a 24C00 EEPROM (U1) is connected to RA0 and RA1 of the emulator silicon to support the EEPROM capabilities of the PIC12CE51X family devices. For information on how to use EEPROM memory, see the MPLAB IDE on-line device-specific limitations for the PCM16XA0 (PIC12CE518/519) devices by selecting Debugger>Settings, clicking the Limitations tab, and then clicking the Details button. TABLE 5-1: DVA12XP080 DEVICE ADAPTER SWITCH ASSIGNMENT Desired Function Switch Positions RB2 Set S4 to RB2 RB3 Set S3 to RB3 RB4 Set S2 to RB4 RB5 Set S1 to RB5 MCLR Set S3 to MCLR External Oscillator Input Set S1 to OSC1 and set S2 to OSC2 TIMER0 Clock Input Set S4 to T0CKI This device adapter is intended for use with PIC12C67X 8-pin DIP devices. It has two mechanical switches that allow target pins GP4 and GP5 to be routed to the emulator silicon on the PCM12XA0 processor module or the oscillator device on the device adapter, as shown in Table 5-2. TABLE 5-2: DVA12XP081 DEVICE ADAPTER SWITCH ASSIGNMENT Desired Function Switch Positions GP4 Set S2 to GP4 GP5 Set S1 to GP5 External Oscillator Input Set S1 to OSC1 and set S2 to OSC2 |