| 전자부품 데이터시트 검색엔진 |
|
EM357-RTR 데이터시트(PDF) 81 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTR 데이터시트(HTML) 81 Page - List of Unclassifed Manufacturers |
|
81 / 240 page ![]() EM351 / EM357 8-10 120-035X-000D Preliminary 8.3.5 Registers SCx_DATA SC1_DATA Serial Data Register Address: 0x4000C83C Reset: 0x0 SC2_DATA Serial Data Register Address: 0x4000C03C Reset: 0x0 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 0 7 6 5 4 3 2 1 0 SC_DATA Bitname Bitfield Access Description SC_DATA [7:0] RW Transmit and receive data register. Writing to this register adds a byte to the transmit FIFO. Reading from this register takes the next byte from the receive FIFO and clears the overrun error bit if it was set. In UART mode (SC1 only), reading from this register loads the UART status register with the parity and frame error status of the next byte in the FIFO, and clears these bits if the FIFO is now empty. |