| 전자부품 데이터시트 검색엔진 |
|
MP3V5100GP 데이터시트(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MP3V5100GP 데이터시트(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 9 page ![]() MP3V5100 Sensors 6 Freescale Semiconductor Pressure PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE Freescale designates the two sides of the pressure sensor as the Pressure (P1) side and the Vacuum (P2) side. The Pressure (P1) side is the side containing fluoro silicone gel which protects the die from harsh media. The pressure sensor is designed to operate with positive differential pressure applied, P1 > P2. The Pressure (P1) side may be identified by using the following table: MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the surface mount packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct footprint, the packages will self align when subjected to a solder reflow process. It is always recommended to design boards with a solder mask layer to avoid bridging and shorting between solder pads. Figure 5. Small Outline Package Footprint Pressure Error Band Pressure Error (Max) 0 to 100 kPa ±2.5 kPa Pressure (kPa) 2 –3 0 100 0 3 1 –2 –1 Pressure Error (kPa) Part Number Case Type Pressure (P1) Side Identifier MP3V5100GC6U/C6T1 482A Side with Port Attached MP3V5100GP 1369 Side with Port Attached 0.660 16.76 0.060 TYP 8X 1.52 0.100 TYP 8X 2.54 0.100 TYP 8X 2.54 0.300 7.62 inch mm SCALE 2:1 |