전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

11LC080-ESN 데이터시트(PDF) 32 Page - Microchip Technology

부품명 11LC080-ESN
상세설명  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC080-ESN 데이터시트(HTML) 32 Page - Microchip Technology

Back Button 11LC080-ESN Datasheet HTML 28Page - Microchip Technology 11LC080-ESN Datasheet HTML 29Page - Microchip Technology 11LC080-ESN Datasheet HTML 30Page - Microchip Technology 11LC080-ESN Datasheet HTML 31Page - Microchip Technology 11LC080-ESN Datasheet HTML 32Page - Microchip Technology 11LC080-ESN Datasheet HTML 33Page - Microchip Technology 11LC080-ESN Datasheet HTML 34Page - Microchip Technology 11LC080-ESN Datasheet HTML 35Page - Microchip Technology 11LC080-ESN Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 32
Preliminary
 2010 Microchip Technology Inc.
/HDG3ODVWLF 7UDQVLVWRU 2XWOLQH 72 >72@
1RWHV
 'LPHQVLRQV $ DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG  SHU VLGH
 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
8QLWV
,1&+(6
'LPHQVLRQ /LPLWV
0,1
0$;
1XPEHU RI 3LQV
1

3LWFK
H
 %6&
%RWWRP WR 3DFNDJH )ODW
'


2YHUDOO :LGWK
(


2YHUDOO /HQJWK
$


0ROGHG 3DFNDJH 5DGLXV
5


7LS WR 6HDWLQJ 3ODQH
/

±
/HDG 7KLFNQHVV
F


/HDG :LGWK
E


E
A
N
1
L
b
e
c
R
D
1
2
3
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com