| 전자부품 데이터시트 검색엔진 |
|
PIC16F688-E/ML 데이터시트(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-E/ML 데이터시트(HTML) 54 Page - Microchip Technology |
|
54 / 204 page ![]() PIC16F688 DS41203E-page 52 © 2009 Microchip Technology Inc. TABLE 6-1: SUMMARY OF REGISTERS ASSOCIATED WITH TIMER1 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets CMCON1 — — — — — —T1GSS C2SYNC ---- --10 00-- --10 INTCON GIE PEIE T0IE INTE RAIE T0IF INTF RAIF 0000 000x 0000 000x PIE1 EEIE ADIE RCIE C2IE C1IE OSFIE TXIE TMR1IE 0000 0000 0000 0000 PIR1 EEIF ADIF RCIF C2IF C1IF OSFIF TXIF TMR1IF 0000 0000 0000 0000 TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu T1CON T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0000 0000 uuuu uuuu Legend: x = unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the Timer1 module. |