전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F688-E/ST 데이터시트(PDF) 45 Page - Microchip Technology

부품명 PIC16F688-E/ST
상세설명  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/ST 데이터시트(HTML) 45 Page - Microchip Technology

Back Button PIC16F688-E/ST Datasheet HTML 41Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 44Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 45Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 46Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 47Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 48Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 204 page
background image
© 2009 Microchip Technology Inc.
DS41203E-page 43
PIC16F688
4.3.1
RC0/AN4/C2IN+
Figure 4-7 shows the diagram for this pin. The RC0 is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the A/D Converter
• an analog input to the comparator
4.3.2
RC1/AN5/C2IN-
Figure 4-7 shows the diagram for this pin. The RC1 is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the A/D Converter
• an analog input to the comparator
FIGURE 4-7:
BLOCK DIAGRAM OF RC0
AND RC1
4.3.3
RC2/AN6
Figure 4-8 shows the diagram for this pin. The RC2 is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the A/D Converter
4.3.4
RC3/AN7
Figure 4-8 shows the diagram for this pin. The RC3 is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the A/D Converter
FIGURE 4-8:
BLOCK DIAGRAM OF RC2
AND RC3
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To A/D Converter
RD
PORTC
Analog Input
Mode(1)
To Comparators
Note
1:
Analog Input mode is based upon Comparator mode
and ANSEL.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To A/D Converter
RD
PORTC
Analog Input
Mode(1)
Note
1:
Analog Input mode comes from ANSEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More