| 전자부품 데이터시트 검색엔진 |
|
PIC16F616-H/ML 데이터시트(PDF) 206 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-H/ML 데이터시트(HTML) 206 Page - Microchip Technology |
|
206 / 214 page ![]() PIC16F610/616/16HV610/616 DS41288F-page 206 © 2009 Microchip Technology Inc. APPENDIX B: MIGRATING FROM OTHER PIC® DEVICES This discusses some of the issues in migrating from other PIC® devices to the PIC16F6XX Family of devices. B.1 PIC16F676 to PIC16F610/616/16HV610/616 TABLE B-1: FEATURE COMPARISON Feature PIC16F676 PIC16F610/16HV610 PIC16F616/16HV616 Max Operating Speed 20 MHz 20 MHz 20 MHz Max Program Memory (Words) 1024 1024 2048 SRAM (bytes) 64 64 128 A/D Resolution 10-bit None 10-bit Timers (8/16-bit) 1/1 1/1 2/1 Oscillator Modes 8 8 8 Brown-out Reset Y Y Y Internal Pull-ups RA0/1/2/4/5 RA0/1/2/4/5, MCLR RA0/1/2/4/5, MCLR Interrupt-on-change RA0/1/2/3/4/5 RA0/1/2/3/4/5 RA0/1/2/3/4/5 Comparator 1 2 2 ECCP N N Y INTOSC Frequencies 4 MHz 4/8 MHz 4/8 MHz Internal Shunt Regulator N Y (PIC16HV610) Y (PIC16HV616) Note: This device has been designed to perform to the parameters of its data sheet. It has been tested to an electrical specification designed to determine its conformance with these parameters. Due to process differences in the manufacture of this device, this device may have different performance characteristics than its earlier version. These differences may cause this device to perform differently in your application than the earlier version of this device. |