| 전자부품 데이터시트 검색엔진 |
|
PIC16F616-H/ML 데이터시트(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-H/ML 데이터시트(HTML) 37 Page - Microchip Technology |
|
37 / 214 page ![]() © 2009 Microchip Technology Inc. DS41288F-page 37 PIC16F610/616/16HV610/616 4.2.4.3 RA2/AN2(1)/T0CKI/INT/C1OUT Figure 4-2 shows the diagram for this pin. The RA2 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (1) • the clock input for TMR0 • an external edge triggered interrupt • a digital output from Comparator C1 FIGURE 4-2: BLOCK DIAGRAM OF RA2 Note 1: PIC16F616/16HV616 only. VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak RD PORTA RD WR WR RD WR IOAC RD IOAC Interrupt-on- To INT Analog(1) Input Mode RAPU Analog(1) Input Mode Change Q1 WR RD WPUA Data Bus WPUA PORTA TRISA TRISA PORTA Note 1: Comparator mode and ANSEL determines Analog Input mode. 2: Set has priority over Reset. 3: PIC16F616/16HV616 only. To A/D Converter(3) I/O Pin S(2) R Q From other RA<5:3, 1:0> pins Write ‘0’ to RAIF 0 1 C1OE C1OE Enable To Timer0 |