| 전자부품 데이터시트 검색엔진 |
|
PIC16F616-H/ML 데이터시트(PDF) 104 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-H/ML 데이터시트(HTML) 104 Page - Microchip Technology |
|
104 / 214 page ![]() PIC16F610/616/16HV610/616 DS41288F-page 104 © 2009 Microchip Technology Inc. 10.4.6 PROGRAMMABLE DEAD-BAND DELAY MODE In half-bridge applications where all power switches are modulated at the PWM frequency, the power switches normally require more time to turn off than to turn on. If both the upper and lower power switches are switched at the same time (one turned on, and the other turned off), both switches may be on for a short period of time until one switch completely turns off. During this brief interval, a very high current (shoot-through current) will flow through both power switches, shorting the bridge supply. To avoid this potentially destructive shoot- through current from flowing during switching, turning on either of the power switches is normally delayed to allow the other switch to completely turn off. In Half-Bridge mode, a digitally programmable dead- band delay is available to avoid shoot-through current from destroying the bridge power switches. The delay occurs at the signal transition from the non-active state to the active state. See Figure 10-16 for illustration. The lower seven bits of the associated PWM1CON register (Register 10-3) sets the delay period in terms of microcontroller instruction cycles (TCY or 4 TOSC). FIGURE 10-16: EXAMPLE OF HALF- BRIDGE PWM OUTPUT FIGURE 10-17: EXAMPLE OF HALF-BRIDGE APPLICATIONS Period Pulse Width td td (1) P1A(2) P1B(2) td = Dead-Band Delay Period (1) (1) Note 1: At this time, the TMR2 register is equal to the PR2 register. 2: Output signals are shown as active-high. P1A P1B FET Driver FET Driver V+ V- Load + V - + V - Standard Half-Bridge Circuit (“Push-Pull”) |