전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F616-H/ML 데이터시트(PDF) 173 Page - Microchip Technology

부품명 PIC16F616-H/ML
상세설명  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ML 데이터시트(HTML) 173 Page - Microchip Technology

Back Button PIC16F616-H/ML Datasheet HTML 169Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 170Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 171Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 172Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 173Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 174Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 175Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 176Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 173
PIC16F610/616/16HV610/616
16.0
DC AND AC CHARACTERISTICS GRAPHS AND TABLES
“Typical” represents the mean of the distribution at 25
°C. “Maximum” or “minimum” represents (mean + 3σ) or (mean -
3
σ) respectively, where s is a standard deviation, over each temperature range.
FIGURE 16-1:
PIC16F610/616 IDD LP (32 kHz) vs. VDD
FIGURE 16-2:
PIC16F610/616 IDD EC (1 MHz) vs. VDD
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
0
10
20
30
40
50
60
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)
Maximum
VDD (V)
Typical
13
5
4
2
6
0
100
200
300
400
500
600
135
4
2
6
Typical
Maximum
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More