전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F616-H/ML 데이터시트(PDF) 187 Page - Microchip Technology

부품명 PIC16F616-H/ML
상세설명  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ML 데이터시트(HTML) 187 Page - Microchip Technology

Back Button PIC16F616-H/ML Datasheet HTML 183Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 184Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 185Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 186Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 187Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 188Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 189Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 190Page - Microchip Technology PIC16F616-H/ML Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 187
PIC16F610/616/16HV610/616
FIGURE 16-35:
PIC16HV616 IPD A/D vs. VDD
FIGURE 16-36:
VOL vs. IOL OVER TEMPERATURE (VDD = 3.0V)
0
50
100
150
200
250
300
350
400
VDD (V)
5
3
4
2
Typical
Maximum
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
IOL (mA)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)
Max. 125°C
Min. -40°C
Max. 85°C
Typical 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More