| 전자부품 데이터시트 검색엔진 |
|
PIC16F616-H/ML 데이터시트(PDF) 196 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-H/ML 데이터시트(HTML) 196 Page - Microchip Technology |
|
196 / 214 page ![]() PIC16F610/616/16HV610/616 DS41288F-page 196 © 2009 Microchip Technology Inc. FIGURE 16-54: COMPARATOR RESPONSE TIME (FALLING EDGE) FIGURE 16-55: WDT TIME-OUT PERIOD vs. VDD OVER TEMPERATURE 0 100 200 300 400 500 600 700 800 900 1000 2.0 2.5 4.0 5.5 VDD (V) Max. 85°C Typ. 25°C Min. -40°C Max. 125°C Note: V- input = Transition from VCM - 100MV to VCM + 20MV V+ input = VCM VCM = (VDD - 1.5V)/2 5 10 15 20 25 30 35 40 45 50 55 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 VDD (V) -40°C 25°C 85°C 125°C |