| 전자부품 데이터시트 검색엔진 |
|
PIC12F519-E/P 데이터시트(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F519-E/P 데이터시트(HTML) 13 Page - Microchip Technology |
|
13 / 96 page ![]() © 2008 Microchip Technology Inc. DS41319B-page 11 PIC12F519 TABLE 3-2: PIC12F519 PINOUT DESCRIPTION Name Function Type Input Type Output Type Description GP0/ICSPDAT GP0 I/O TTL CMOS Bidirectional I/O port with weak pull-up ICSPDAT I/O ST CMOS ICSP™ mode Schmitt Trigger GP1/ICSPCLK GP1 I/O TTL CMOS Bidirectional I/O port with weak pull-up ICSPCLK I ST — ICSP™ mode Schmitt Trigger GP2/T0CKI GP2 I/O TTL CMOS Bidirectional I/O port T0CKI I ST — Timer0 clock input GP3/MCLR/VPP GP3 I TTL — Standard TTL input with weak pull-up MCLR IST — MCLR input (Weak pull-up always enabled in this mode) VPP I High Voltage — Test mode high voltage pin GP4/OSC2 GP4 I/O TTL CMOS Bidirectional I/O port OSC2 O — XTAL XTAL oscillator output pin GP5/OSC1/ CLKIN GP5 I/O TTL CMOS Bidirectional I/O port OSC1 I XTAL — XTAL oscillator input pin CLKIN I ST — EXTRC Schmitt Trigger input VDD VDD P — — Positive supply for logic and I/O pins VSS VSS P — — Ground reference for logic and I/O pins Legend: I = Input, O = Output, I/O = Input/Output, P = Power, — = Not Used, TTL = TTL input, ST = Schmitt Trigger input, AN = Analog Voltage |