| 전자부품 데이터시트 검색엔진 |
|
PIC16F883-E/P 데이터시트(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/P 데이터시트(HTML) 58 Page - Microchip Technology |
|
58 / 328 page ![]() PIC16F882/883/884/886/887 DS41291F-page 56 © 2009 Microchip Technology Inc. 3.5.7 RC6/TX/CK Figure 3-17 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an asynchronous serial output • a synchronous clock I/O FIGURE 3-17: BLOCK DIAGRAM OF RC6 3.5.8 RC7/RX/DT Figure 3-18 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an asynchronous serial input • a synchronous serial data I/O FIGURE 3-18: BLOCK DIAGRAM OF RC7 TABLE 3-3: SUMMARY OF REGISTERS ASSOCIATED WITH PORTC I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus RD PORTC WR PORTC WR TRISC RD TRISC SPEN TXEN CK TX SYNC EUSART EUSART 0 1 1 0 0 1 1 0 I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus RD PORTC WR PORTC WR TRISC RD TRISC SPEN SYNC EUSART 0 1 1 0 DT EUSART RX/DT Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets CCP1CON P1M1 P1M0 DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 0000 0000 0000 0000 CCP2CON — — DC2B1 DC2B0 CCP2M3 CCP2M2 CCP2M1 CCP2M0 --00 0000 --00 0000 PORTC RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0 xxxx xxxx uuuu uuuu PSTRCON — — — STRSYNC STRD STRC STRB STRA ---0 0001 ---0 0001 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000x SSPCON WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 0000 0000 0000 0000 T1CON T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0000 0000 0000 0000 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 Legend: x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTC. |