전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F883-E/P 데이터시트(PDF) 125 Page - Microchip Technology

부품명 PIC16F883-E/P
상세설명  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/P 데이터시트(HTML) 125 Page - Microchip Technology

Back Button PIC16F883-E/P Datasheet HTML 121Page - Microchip Technology PIC16F883-E/P Datasheet HTML 122Page - Microchip Technology PIC16F883-E/P Datasheet HTML 123Page - Microchip Technology PIC16F883-E/P Datasheet HTML 124Page - Microchip Technology PIC16F883-E/P Datasheet HTML 125Page - Microchip Technology PIC16F883-E/P Datasheet HTML 126Page - Microchip Technology PIC16F883-E/P Datasheet HTML 127Page - Microchip Technology PIC16F883-E/P Datasheet HTML 128Page - Microchip Technology PIC16F883-E/P Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 123
PIC16F882/883/884/886/887
11.0
CAPTURE/COMPARE/PWM
MODULES (CCP1 AND CCP2)
This device contains one Enhanced Capture/Compare/
PWM (CCP1) and Capture/Compare/PWM module
(CCP2). The CCP1 and CCP2 modules are identical in
operation, with the exception of the Enhanced PWM
features available on CCP1 only. See Section 11.6
“PWM (Enhanced Mode)” for more information.
Note:
CCPRx
and
CCPx
throughout
this
document refer to CCPR1 or CCPR2 and
CCP1 or CCP2, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More