| 전자부품 데이터시트 검색엔진 |
|
PIC16F57-E/SPG 데이터시트(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F57-E/SPG 데이터시트(HTML) 7 Page - Microchip Technology |
|
7 / 88 page ![]() © 2007 Microchip Technology Inc. DS41213D-page 5 PIC16F5X 1.0 GENERAL DESCRIPTION The PIC16F5X from Microchip Technology is a family of low-cost, high-performance, 8-bit, fully static, Flash- based CMOS microcontrollers. It employs a RISC architecture with only 33 single-word/single-cycle instructions. All instructions are single cycle except for program branches which take two cycles. The PIC16F5X delivers performance an order of magnitude higher than its competitors in the same price category. The 12-bit wide instructions are highly symmetrical resulting in 2:1 code compression over other 8-bit microcontrollers in its class. The easy-to-use and easy- to-remember instruction set reduces development time significantly. The PIC16F5X products are equipped with special features that reduce system cost and power require- ments. The Power-on Reset (POR) and Device Reset Timer (DRT) eliminate the need for external Reset circuitry. There are four oscillator configurations to choose from, including the power-saving LP (Low Power) oscillator and cost saving RC oscillator. Power- saving Sleep mode, Watchdog Timer and code protec- tion features improve system cost, power and reliability. The PIC16F5X products are supported by a full-featured macro assembler, a software simulator, a low-cost devel- opment programmer and a full featured programmer. All the tools are supported on IBM® PC and compatible machines. 1.1 Applications The PIC16F5X series fits perfectly in applications rang- ing from high-speed automotive and appliance motor control to low-power remote transmitters/receivers, pointing devices and telecom processors. The Flash technology makes customizing application programs (transmitter codes, motor speeds, receiver frequencies, etc.) extremely fast and convenient. The small footprint packages, for through hole or surface mounting, make this microcontroller series perfect for applications with space limitations. Low-cost, low- power, high performance, ease of use and I/O flexibility make the PIC16F5X series very versatile, even in areas where no microcontroller use has been considered before (e.g., timer functions, replacement of “glue” logic in larger systems, co-processor applications). TABLE 1-1: PIC16F5X FAMILY OF DEVICES Features PIC16F54 PIC16F57 PIC16F59 Maximum Operation Frequency 20 MHz 20 MHz 20 MHz Flash Program Memory (x12 words) 512 2K 2K RAM Data Memory (bytes) 25 72 134 Timer Module(s) TMR0 TMR0 TMR0 I/O Pins 12 20 32 Number of Instructions 33 33 33 Packages 18-pin DIP, SOIC; 20-pin SSOP 28-pin DIP, SOIC; 28-pin SSOP 40-pin DIP, 44-pin TQFP Note: All PIC® Family devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect and high I/O current capability. |