전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F23K22-I/SP 데이터시트(PDF) 8 Page - Microchip Technology

부품명 PIC18F23K22-I/SP
상세설명  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP 데이터시트(HTML) 8 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 4Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 5Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 6Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 7Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 8Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 9Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 10Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 11Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 8
Preliminary
 2010 Microchip Technology Inc.
TABLE 1:
PIC18(L)F2XK22 PIN SUMMARY
2
27
RA0
AN0
C12IN0-
3
28
RA1
AN1
C12IN1-
4
1
RA2
AN2
C2IN+
VREF-/
DACOUT
5
2
RA3
AN3
C1IN+
VREF+
6
3
RA4
C1OUT
SRQ
CCP5
T0CKI
7
4
RA5
AN4
C2OUT
SRNQ
HLVDIN
SS1
10
7
RA6
OSC2/
CLKO
9
6
RA7
OSC1/
CLKI
21
18
RB0
AN12
SRI
CCP4
FLT0
SS2
INT0
Y
22
19
RB1
AN10
C12IN3-
P1C
SCK2/
SCL2
INT1
Y
23
20
RB2
AN8
CTED1
P1B
SDI2/
SDA
INT2
Y
24
21
RB3
AN9
C12IN2-
CTED2
CCP2/
P2A(1)
SDO2
Y
25
22
RB4
AN11
P1D
T5G
IOC
Y
26
23
RB5
AN13
CCP3/
P3A(4)
P2B(3)
T1G
T3CKI(2)
IOC
Y
27
24
RB6
TX2/CK2
IOC
Y
PGC
28
25
RB7
RX2/DT2
IOC
Y
PGD
11
8
RC0
P2B(3)
SOSCO/
T1CKI
T3CKI(2)
T3G
12
9
RC1
CCP2/
P2A(1)
SOSCI
13
10
RC2
AN14
CTPLS
CCP1/
P1A
T5CKI
14
11
RC3
AN15
SCK1/
SCL1
15
12
RC4
AN16
SDI1/
SDA1
16
13
RC5
AN17
SDO1
17
14
RC6
AN18
CCP3/
P3A(4)
TX1/CK1
18
15
RC7
AN19
P3B
RX1/DT1
126
RE3
MCLR/
VPP
8
5
VSS
19
16
VSS
20
17
VDD
Note 1:
CCP2/P2A multiplexed in fuses.
2:
T3CKI multiplexed in fuses.
3:
P2B multiplexed in fuses.
4:
CCP3/P3A multiplexed in fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More