전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F23K22-I/SP 데이터시트(PDF) 137 Page - Microchip Technology

부품명 PIC18F23K22-I/SP
상세설명  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP 데이터시트(HTML) 137 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 133Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 134Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 135Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 136Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 137Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 138Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 139Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 140Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 137
PIC18(L)F2X/4XK22
5
SRNQ
CCP3(3)
SDO1
P1B
C2OUT
P3A(3)
RC5
RD5
RA5
P2B(1)(4)
RB5
6
OSC2
PGC
TX1/CK1
TX2/CK2
CLKO
TX2/CK2(1)
CCP3(1)(7)
P1C
RA6
RB6
P3A(1)(7)
RD6
ICDCK
RC6
7RA7
OSC1
PGD
RX1/DT1
RX2/DT2
RA7
RX2/DT2(1)
P3B(1)
P1D
RB7
RC7
RD7
ICDDT
TABLE 10-4:
PORT PIN FUNCTION PRIORITY (CONTINUED)
Port bit
Port Function Priority by Port Pin
PORTA
PORTB
PORTC
PORTD(2)
PORTE(2)
Note 1:
PIC18(L)F2XK22 devices.
2:
PIC18(L)F4XK22 devices.
3:
Function default pin.
4:
Function default pin (28-pin devices).
5:
Function default pin (40/44-pin devices).
6:
Function alternate pin.
7:
Function alternate pin (28-pin devices).
8:
Function alternate pin (40/44-pin devices)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More