전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F23K22-E/SP 데이터시트(PDF) 10 Page - Microchip Technology

부품명 PIC18F23K22-E/SP
상세설명  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP 데이터시트(HTML) 10 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 6Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 7Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 8Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 9Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 10Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 11Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 12Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 13Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 10
Preliminary
 2010 Microchip Technology Inc.
9
26
26
RE1
AN6
P3B
10
27
27
RE2
AN7
CCP5
1
18
18
RE3
Y
MCLR/
VPP
11
7
7,8
VDD
32
28
28, 29
VDD
12
6
6
VSS
31
29
30, 31
VSS
—
12(3)
—
—
13(3)
—
—
33(3)
—
—
34
13
NC
TABLE 2:
PIC18(L)F4XK22 PIN SUMMARY (CONTINUED)
Note 1:
CCP2 multiplexed in fuses.
2:
T3CKI multiplexed in fuses.
3:
Pins are enabled on -ICE derivative only, otherwise they are No Connects.
4:
CCP3/P3A multiplexed in fuses.
5:
P2B multiplexed in fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More