| 전자부품 데이터시트 검색엔진 |
|
PIC18F23K22-E/SP 데이터시트(PDF) 167 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/SP 데이터시트(HTML) 167 Page - Microchip Technology |
|
167 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 167 PIC18(L)F2X/4XK22 FIGURE 12-3: TIMER1/3/5 INCREMENTING EDGE FIGURE 12-4: TIMER1/3/5 GATE ENABLE MODE TXCKI = 1 when TMRx Enabled TXCKI = 0 when TMRX Enabled Note 1: Arrows indicate counter increments. 2: In Counter mode, a falling edge must be registered by the counter prior to the first incrementing rising edge of the clock. TMRxGE TxGPOL TxG_IN TxCKI TxGVAL Timer1/3/5 N N + 1 N + 2 N + 3 N + 4 |