전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC30F0010AT-30I/PF 데이터시트(PDF) 9 Page - Microchip Technology

부품명 DSPIC30F0010AT-30I/PF
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PF 데이터시트(HTML) 9 Page - Microchip Technology

Back Button DSPIC30F0010AT-30I/PF Datasheet HTML 5Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 6Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 7Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 8Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 9Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 10Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 11Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 12Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 232 page
background image
© 2008 Microchip Technology Inc.
DS70150D-page 9
dsPIC30F6010A/6015
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the dsPIC30F6010A and dsPIC30F6015 devices. The
dsPIC30F devices contain extensive Digital Signal
Processor
(DSP)
functionality
within
a
high-performance
16-bit
microcontroller
(MCU)
architecture. Figure 1-1 shows a device block diagram
for the dsPIC30F6010A device. Figure 1-2 shows a
device block diagram for the dsPIC30F6015 device.
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals, register descriptions and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “dsPIC30F/33F Programmers
Reference Manual” (DS70157).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More