전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS2829-EP 데이터시트(PDF) 19 Page - Texas Instruments

부품명 TPS2829-EP
상세설명  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS2829-EP 데이터시트(HTML) 19 Page - Texas Instruments

Back Button TPS2829-EP Datasheet HTML 15Page - Texas Instruments TPS2829-EP Datasheet HTML 16Page - Texas Instruments TPS2829-EP Datasheet HTML 17Page - Texas Instruments TPS2829-EP Datasheet HTML 18Page - Texas Instruments TPS2829-EP Datasheet HTML 19Page - Texas Instruments TPS2829-EP Datasheet HTML 20Page - Texas Instruments TPS2829-EP Datasheet HTML 21Page - Texas Instruments TPS2829-EP Datasheet HTML 22Page - Texas Instruments TPS2829-EP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
www.ti.com
80
75
70
0
0.5
1
1.5
2
2.5
3
85
90
Load Current − A
95
3.5
4
4.5
5
VO = 3.3 V
VO = 2.5 V
VI = 5.25 V
TA = 25°C
TPS2816-EP, TPS2817-EP, TPS2818-EP
TPS2819-EP, TPS2828-EP, TPS2829-EP
SGDS039 – FEBRUARY 2008
The efficiency for various output currents, with a 5.25-V input, is shown in Figure 26. For a 3.3-V output, the
efficiency is greater than 90% for loads up to 2 A – exceptional for a simple, inexpensive design.
Figure 26. Converter Efficiency
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS2816-EP TPS2817-EP TPS2818-EP TPS2819-EP TPS2828-EP TPS2829-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com