전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2610-E/SP 데이터시트(PDF) 4 Page - Microchip Technology

부품명 PIC18F2610-E/SP
상세설명  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2610-E/SP 데이터시트(HTML) 4 Page - Microchip Technology

  PIC18F2610-E/SP Datasheet HTML 1Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 2Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 3Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 4Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 5Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 6Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 7Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 8Page - Microchip Technology PIC18F2610-E/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 376 page
background image
PIC18F2X1X/4X1X
DS39636D-page 6
© 2009 Microchip Technology Inc.
Pin Diagrams (Cont.’d)
Note 1:
RB3 is the alternate pin for CCP2 multiplexing.
10
11
2
3
4
5
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
OSC2/CLKO/RA6
OSC1/CLKI/RA7
VSS
VSS
VDD
VDD
RE2/CS/AN7
RE1/WR/AN6
RE0/RD/AN5
RA5/AN4/SS/HLVDIN/C2OUT
RA4/T0CKI/C1OUT
RC7/RX/DT
RD4/PSP4
RD5/PSP5/P1B
RD6/PSP6/P1C
RD7/PSP7/P1D
VSS
VDD
VDD
RB0/INT0/FLT0/AN12
RB1/INT1/AN10
RB2/INT2/AN8
44-pin QFN
10
11
2
3
4
5
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
NC
RC0/T1OSO/T13CKI
OSC2/CLKO/RA6
OSC1/CLKI/RA7
VSS
VDD
RE2/CS/AN7
RE1/WR/AN6
RE0/RD/AN5
RA5/AN4/SS/HLVDIN/C2OUT
RA4/T0CKI/C1OUT
RC7/RX/DT
RD4/PSP4
RD5/PSP5/P1B
RD6/PSP6/P1C
RD7/PSP7/P1D
VSS
VDD
RB0/INT0/FLT0/AN12
RB1/INT1/AN10
RB2/INT2/AN8
RB3/AN9/CCP2(1)
44-pin TQFP
PIC18F4X1X
PIC18F4X1X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More