전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT3070MPUFD 데이터시트(PDF) 21 Page - Linear Technology

부품명 LT3070MPUFD
상세설명  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT3070MPUFD 데이터시트(HTML) 21 Page - Linear Technology

Back Button LT3070MPUFD Datasheet HTML 17Page - Linear Technology LT3070MPUFD Datasheet HTML 18Page - Linear Technology LT3070MPUFD Datasheet HTML 19Page - Linear Technology LT3070MPUFD Datasheet HTML 20Page - Linear Technology LT3070MPUFD Datasheet HTML 21Page - Linear Technology LT3070MPUFD Datasheet HTML 22Page - Linear Technology LT3070MPUFD Datasheet HTML 23Page - Linear Technology LT3070MPUFD Datasheet HTML 24Page - Linear Technology LT3070MPUFD Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3070

3070fa
ApplicAtions inFormAtion
Load Regulation
TheLT3070providesaKelvinsensepinforVOUT,allowing
theapplicationtocorrectforparasiticpackageandPCB
I-Rdrops.However,LTCrecommendsthattheSENSEpin
terminateincloseproximitytotheLT3070’sOUTpins.
Thisminimizesparasiticinductanceandoptimizesregula-
tion.TheLT3070handlesmoderatelevelsofoutputline
impedance,butexcessiveimpedancebetweenVOUTand
COUTcausesexcessivephaseshiftinthefeedbackloop
andadverselyaffectsstability.
Figure1inthePinFunctionssectionillustratestheKelvin-
Senseconnectionmethodthateliminatesvoltagedrops
duetoPCBtraceresistance.However,notethatthevoltage
dropacrosstheexternalPCBtracesaddstothedropout
voltageoftheregulator.TheSENSEpininputbiascurrent
dependsontheselectedoutputvoltage.SENSEpininput
currentvariesfrom50µAtypicallyatVOUT=0.8Vto300µA
typicallyatVOUT=1.8V.
Short-Circuit and Overload Recovery
LikemanyICpowerregulators,theLT3070hassafeop-
eratingarea(SOA)protection.Thesafeareaprotection
decreasescurrentlimitasinput-to-outputvoltageincreases
andkeepsthepowertransistorinsideasafeoperating
regionforallvaluesofinput-to-outputvoltageuptothe
absolutemaximumvoltagerating.VBIASmustbeabove
theUVLOthresholdforanyfunction.TheLT3070hasa
precisioncurrentlimitspecifiedat±20%thatisactiveif
VBIASisaboveUVLO.
Under conditions of maximum ILOAD and maximum
VIN-VOUTthedevice’spowerdissipationpeaksatabout
3W.Ifambienttemperatureishighenough,diejunction
temperaturewillexceedthe125°Cmaximumoperating
temperature. If this occurs, the LT3070 relies on two
additionalthermalsafetyfeatures.Atabout145°C,the
PWRGDoutputpulls
lowprovidinganearlywarningofan
impendingthermalshutdowncondition.At165°Ctypically,
theLT3070’sthermalshutdownengagesandtheoutputis
shutdownuntiltheICtemperaturefallsbelowthethermal
hysteresislimit.TheSOAprotectiondecreasescurrentlimit
astheIN-to-OUTvoltageincreasesandkeepsthepower
dissipationatsafelevelsforallvaluesofinput-to-output
voltage.TheLT3070providessomeoutputcurrentatall
valuesofinput-to-outputvoltageuptotheabsolutemaxi-
mumvoltagerating.SeetheCurrentLimitvsVINcurvein
theTypicalPerformanceCharacteristics.
Duringstart-up,aftertheBIASvoltagehascleareditsUVLO
thresholdandVINisincreasing,outputvoltageincreases
attherateofcurrentlimitchargingCOUT.
Withahighinputvoltage,aproblemcanoccurwherethe
removalofanoutputshortwillnotallowtheoutputvolt-
agetorecover.Otherregulatorswithcurrentlimitfoldback
alsoexhibitthisphenomenon,soitisnotuniquetothe
LT3070.Theloadlineforsuchaloadmayintersectthe
outputcurrentcurveattwopoints:normaloperationand
theSOArestrictedloadcurrentsettings.Acommonsitu-
ationisimmediatelyaftertheremovalofashortcircuit,
butwithastaticload≥1A.Inthissituation,removalofthe
loadorreductionofIOUTto<1Awillclearthiscondition
andallowVOUTtoreturntonormalregulation.
Reverse Voltage
TheLT3070incorporatesacircuitthatdetectsifVINde-
creasesbelowVOUT.Thisreverse-voltagedetectorhas
atypicalthresholdofabout(VIN–VOUT)=–6mV.Ifthe
thresholdisexceeded,thisdetectorcircuitturnsoffthe
drivetotheinternalNMOSpasstransistor,therebyturning
offtheoutput.Theoutputpullslowwiththeloadcurrent
dischargingtheoutputcapacitance.Thiscircuit’sintent
istolimitandpreventback-feedcurrentfromOUTtoIN
iftheinputvoltagecollapsesduetoafaultoroverload
condition.
Thermal Considerations
The LT3070’s maximum rated junction temperature of
125°Climitsitspowerhandlingcapabilityandisdomi-
natedbytheoutputcurrentmultipliedbytheinput/output
voltagedifferential:
IOUT•(VIN–VOUT)
TheLT3070’sinternalpowerandthermallimitingcircuitry
protectitunderoverloadconditions.Forcontinuousnor-
malloadconditions,donotexceedthemaximumjunction
temperatureof125°C.Givecarefulconsiderationtoall
sourcesofthermalresistancefromjunctiontoambient.
Thisincludesjunctiontocase,case-to-heatsinkinterface,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com