| 전자부품 데이터시트 검색엔진 |
|
AS2540-7R 데이터시트(PDF) 2 Page - Power-One |
|
|
|||||||||||||||||||||||||||||
AS2540-7R 데이터시트(HTML) 2 Page - Power-One |
|
2 / 4 page ![]() 2 www.power-one.com Cassette Style S Series Input Input voltage 6 wide-input ranges (1:5) refer to selection chart Inrush current limitation FS, CS, DS, ES by thermistor Output Efficiency Ui nom, Io nom up to 86 % Output voltage setting accuracy Ui nom, Io nom ±0.6% U o nom Output voltage switching noise IEC/EN 61204, total typ. 100 mVpp Line regulation Ui min…Ui max, Io nom typ. ±0.3% U o nom Load regulation Ui nom, 10...100% Io nom, symmetrical output load typ. 0.4% Uo nom Minimum load not required 0 A Current limitation rectangular U/I characteristic typ. 110 % Io nom Operation in parallel by current limitation Hold-up time Ui nom, Io nom, CS/DS/ES/FS with ext. diode in input line 12...40 ms Ui nom, Io nom, AS/BS with ext. diode in input line typ. 1.8 ms Control and protection Input reverse polarity built-in fuse not user accessible Input undervoltage lockout typ. 80% Ui min Input overvoltage lockout typ. 108 % Ui max Input transient protection varistor or suppressor diode Output no-load, overload and short circuit proof Output overvoltage suppressor diode in each output typ. 130% Uo nom Overtemperature switch-off with auto restart TC typ. 100°C Output voltage adjustment 0...110% Uo nom Inhibit TTL input, output(s) disabled if open circuit Status indication LEDs: OK, inhibit, overload Safety Approvals EN 60950, UL 1950, CSA 22.2 No. 950 Class of equipment class I Protection degree IP 30 Electric strength test voltage I/case 2 kV AC I/O 4 kV AC O/case 1 kV AC O/O 0.1 kV AC EMC Electrostatic discharge IEC/EN 61000-4-2, level 4 (8/15 kV) criterion A Electromagnetic field IEC/EN 61000-4-3, level x (20 V/m) criterion A Electr. fast transients/bursts IEC/EN 61000-4-4, level 4 (2/4 kV) criterion A Surge IEC/EN 61000-4-5, level 3 (2 kV) criterion A Conducted disturbances IEC/EN 61000-4-6, level 3 (10 V) criterion A Electromagnetic emissions CISPR 22/EN 55022, conducted class B |