| 전자부품 데이터시트 검색엔진 |
|
TL062CPWLE 데이터시트(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL062CPWLE 데이터시트(HTML) 18 Page - Texas Instruments |
|
18 / 42 page ![]() TL061, TL061A, TL061B, TL062, TL062A TL062B, TL064, TL064A, TL064B LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION TL061 N2 0.1 µF 10 k Ω 50 Ω 250 k Ω N1 Output 1 M Ω VCC+ 10 k Ω 10 k Ω 0.1 µF Figure 24. AC Amplifier 1.2 M Ω 100 k Ω 20 µF + − 0.1 µF 47 k Ω TL061 2.7 k Ω 270 Ω 0.003 µF 0.001 µF 0.002 µF 1 µF 10 k Ω 100 k Ω 50 k Ω 0.06 µF 50 k Ω 10 k Ω 100 k Ω 1 k Ω 0.06 µF 10 k Ω 0.02 µF 100 k Ω + Figure 25. Microphone Preamplifier With Tone Control IN− IN+ 100 k Ω TL062 TL062 1 k Ω 1 k Ω 100 k Ω − + − + Output Figure 26. Instrumentation Amplifier |