| 전자부품 데이터시트 검색엔진 |
|
TA62320E 데이터시트(PDF) 1 Page - Caliber Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
TA62320E 데이터시트(HTML) 1 Page - Caliber Electronics Inc. |
|
|
1 / 1 page ![]() All Dimensions in mm. TA61 (Thru Hole), TA62 (SMD) Series HCMOS/TTL (VC) TCXO Oscillator TEL 949-366-8700 FAX 949-366-8707 WEB http://www.caliberelectronics.com MECHANICAL DIMENSIONS Marking Guide on page F3-F4 Pin 1: Control Voltage (Not present when Control Voltage is specified as “No Connect” Pin 8: Output Pin 7: Case Ground Pin 14: Supply Voltage 11.7 ±0.3 7.5 ±0.3 18.3 ±0.3 1.70 TYP 1.5 ±0.3 8 14 1 7 4.5 ±0.3 4.0 ±0.3 21.3 ±0.5 4.0 ±0.3 Frequency Adjust PART NUMBERING GUIDE Revision: 1996-C TABLE 1 Operating Temperature Frequency Stability (±ppm) * Denotes Availability of Options Range 1.5ppm 2.0ppm 2.5ppm 3.0ppm 3.5ppm 5.0ppm Code 15 20 25 30 35 50 0 to 50°C A * * * * * * -10 to 60°C B * * * * * * -20 to 70°C C * * * * * * -30 to 60°C D * * * * * -30 to 75°C E * * * * * -35 to 85°C F * * * * -40 to 80°C G * * * 8 14 1 7 18.3 ±0.5 Frequency 11.7 ±0.5 4.0 ±0.3 2.5 ±0.3 4.5 ±0.3 5.0 ±0.3 .45 +0.05 /-0 (X4) 1.2 +0/-0.5 7.5 ±0.3 15.0 ±0.4 ELECTRICAL SPECIFICATIONS Environmental/Mechanical Specifications on page F5 Frequency Range 9.600MHz to 35.000MHz Operating Temperature Range See Table 1 Above. Storage Temperature Range -40°C to 85°C Supply Voltage 3.3 VDC ±5% / 5.0 VDC ±5% Load Drive Capability 10TTL Load or 15pF HCMOS Load Maximum Internal Trim (Top of Can) ±3ppm Minimum Control Voltage (External) 2.5Vdc ±2.0Vdc Positive Transfer Characteristics Frequency Deviation ±5ppm Minimum Over Control Voltage Aging (@ 25°C) ±1ppm / year Maximum Input Current / Duty Cycle / Rise and Fall Time 30mA Maximum / 50±10% / 5nSeconds Maximum Output Voltage Logic High (Voh) w/TTL Load w/HCMOS Load 2.4Vdc Minimum Vdd –.05Vdc Minimum Output Voltage Logic Low (Vol) w/TTL Load w/HCMOS Load 0.4Vdc Maximum 0.5Vdc Maximum Frequency Stability Vs. Operating Temperature See Table 1 Above. Vs. Inpput Voltage (±5%) ±0.3ppm Maximum Vs. Load (±2pF) ±0.3ppm Maximum TA62 3 20 C V 30.000MHz Pin One Connection Blank = No Connection V = External Control Voltage Operating Temperature See Table 1 for Code/Range Package TA61 = Thru Hole TA62 = SMD Inclusive Stability See Table 1 for Code/Tolerance Supply Voltage 3 = 3.3 VDC ±5% Blank = 5.0 VDC ±5% CAL I BER Electr on ics In c. Lead-Free RoHS Compliant |
유사한 부품 번호 - TA62320E |
|
유사한 설명 - TA62320E |