| 전자부품 데이터시트 검색엔진 |
|
2IO16 데이터시트(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
2IO16 데이터시트(HTML) 1 Page - Tyco Electronics |
|
1 / 4 page ![]() 1114 Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Specifications and availability subject to change. P&B Catalog 1308242 Issued 3-03 (PDF Rev. 8-04) www.tycoelectronics.com Technical support: Refer to inside back cover. 2IO series Mounting Boards for Input/Output Modules • LED status indicators, plug-in fuses & pull-up resistors • Card edge logic connections (2IO8, 2IO16 & 2IO24) • Screw terminal logic connections (2IO4A, 2IO4B, 2IO4C, 2IO16A, 2IO16B & 2IO16C) • Screw terminals for field wiring • UL recognized/CSA certified for 125V max. with 5A fuses; 250V max. with #22 solid copper jumper wire instead of fuses File E61482 File LR15734-93 Ordering Information – Boldface items listed below are more likely to be maintained in stock by authorized distributors. Part Number 2IO4A 2IO4B 2IO4C 2IO8 2IO16 2IO16A 2IO16B 2IO16C 2IO24 Number of I/O Channels 4448 16 16 16 16 24 Number of Module Positions 4448 16 16 16 16 24 Field Terminals: Screw Terminals XXXX X XXX X Logic Terminals: Screw Terminals X X X X X X Logic Terminals: 26-pin card edge connector X Logic Terminals: 50-pin card edge connector X X X Designed for neg. true logic; one logic voltage X X X X X Designed for neg. or pos. true logic; mult. logic voltages X X Designed for neg. true logic; mult. logic voltages X X 2IO4C Schematic Designed to operate with neg. true logic (active low) systems & different logic voltages. POWER BARRIER BLOCK 9 TERMINAL 2 PLACES FUSE 5 AMP PULL-UP RESISTOR 3.3k Ω SIGNAL BARRIER BLOCK 4.50 (114.3) 4.00 (101.6) 0.25 (6.35) 3.00 (76.20) 3.50 (88.90) LED STATUS INDICATOR 2.20 MAX. TO TOP (55.8) OF MODULES .150 DIA. (3.81) RIVETED STANDOFF THRU HOLE 4 PLACES 1 2 3 45 6 7 89 0.75 (19.05) LOGIC INPUT/OUTPUT BARRIER STRIP PULL-UP RESISTOR 3.3k Ω TYPICAL LED 12 3 45 67 8 9 3 4 5 + LOGIC FIELD INPUT/OUTPUT SIDE IS IDENTICAL TO 2104A FIELD INPUT/OUTPUT SIDE IS IDENTICAL TO 2104A LOGIC INPUT/OUTPUT BARRIER STRIP PULL-UP RESISTOR 3.3k Ω TYPICAL LED 12 3 45 67 89 3 4 5 LOGIC GND. 2IO4A, 2IO4B & 2IO4C Outline Dimensions Suggested Mating Connectors and Fuses 26-pin card edge connector 3M 3462-0001* 50-pin card edge connector 3M 3415-0001* 5 amp fuse Littelfuse 251-005* 1 amp fuse** Littelfuse 251-001* * Or equivalent. Customer assumes ultimate responsibility for applicability. ** Used on 2IO24 only. Designed to operate with either neg. or pos. true logic (active low or high) systems & different logic voltages. (output modules only - input modules must be used in negative logic systems only.) 2IO4B Schematic FIELD INPUT/OUTPUT BARRIER STRIP FUSE 5 AMP TYP. BARRIER STRIP LOGIC GND. LOGIC INPUT/OUTPUT PULL-UP RESISTOR 3.3k Ω TYPICAL LED 1 23 4 5 6 7 9 8 12 3 45 6 7 9 8 1 2 3 4 5 SPARE + LOGIC Designed to operate with neg. true logic (active low) systems & one logic voltage. 2IO4A Schematic Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. |
유사한 부품 번호 - 2IO16 |
|
유사한 설명 - 2IO16 |