| 전자부품 데이터시트 검색엔진 |
|
PLD08VBA 데이터시트(PDF) 1 Page - Power-One |
|
|
|||||||||||||||||||||||||||||
PLD08VBA 데이터시트(HTML) 1 Page - Power-One |
|
1 / 2 page ![]() Product Brief PLD08 Series – 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output REV. 9/01 Page 1 of 2 www.power-one.com Features • Surface mount configuration • 1.56” by 0.55” low profile package • Two independently regulated outputs • Efficiency in excess of 90% • 8A of combined output current at 65°C and 200LFM • Flexible output load distribution • Output overcurrent protection • Remote ON/OFF • Output voltage trim adjust for each output Description The PLD08 series converters are surface mount non-isolated dual output DC/DC converters. The products provide point of load conversion of a single 3.3V or 5V input voltage into two independently regulated low output voltages. Each output can provide up to 5A of output current, has independent feedback loop and independent trim function. Two power trains operate out of phase thus significantly reducing ripple current requirements and simplifying external filtering. High efficiency, low space requirements, and flexible loading characteristics make the converters an ideal choice for powering of multivoltage ASICs. 3.3V Input 5V Input 3.3V input Model Input voltage range, VDC Vout1, VDC Vout2, VDC Eff. % 5V input Model Input voltage range, VDC Vout1, VDC Vout2, VDC Eff. % PLD08UDD 3.15-3.6 2.5 2.5 92 PLD08VEE 4.5-5.5 3.3 3.3 93 PLD08UDC 3.15-3.6 2.5 2.0 91 PLD08VED 4.5-5.5 3.3 2.5 93 PLD08UDB 3.15-3.6 2.5 1.8 91 PLD08VEC 4.5-5.5 3.3 2.0 92 PLD08UDA 3.15-3.6 2.5 1.5 90 PLD08VEB 4.5-5.5 3.3 1.8 92 PLD08UDY 3.15-3.6 2.5 1.2 90 PLD08VEA 4.5-5.5 3.3 1.5 92 PLD08UCC 3.0-3.6 2.0 2.0 91 PLD08VEY 4.5-5.5 3.3 1.2 91 PLD08UCB 3.0-3.6 2.0 1.8 90 PLD08VDD 4.5-5.5 2.5 2.5 92 PLD08UCA 3.0-3.6 2.0 1.5 89 PLD08VDC 4.5-5.5 2.5 2.0 91 PLD08UCY 3.0-3.6 2.0 1.2 89 PLD08VDB 4.5-5.5 2.5 1.8 91 PLD08UBB 3.0-3.6 1.8 1.8 89 PLD08VDA 4.5-5.5 2.5 1.5 90 PLD08UBA 3.0-3.6 1.8 1.5 89 PLD08VDY 4.5-5.5 2.5 1.2 89 PLD08UBY 3.0-3.6 1.8 1.2 88 PLD08VCC 4.5-5.5 2.0 2.0 90 PLD08UAA 3.0-3.6 1.5 1.5 88 PLD08VCB 4.5-5.5 2.0 1.8 90 PLD08UAY 3.0-3.6 1.5 1.2 86 PLD08VCA 4.5-5.5 2.0 1.5 89 PLD08UYY 3.0-3.6 1.2 1.2 85 PLD08VCY 4.5-5.5 2.0 1.2 88 PLD08VBB 4.5-5.5 1.8 1.8 89 PLD08VBA 4.5-5.5 1.8 1.5 89 PLD08VBY 4.5-5.5 1.8 1.2 88 PLD08VAA 4.5-5.5 1.5 1.5 88 PLD08VAY 4.5-5.5 1.5 1.2 86 Both outputs of the PLD08U and PLD08V can be loaded up to five (5) amps each. Note: The maximum combined output is eight (8) amps. PLD08VYY 4.5-5.5 1.2 1.2 85 |
유사한 부품 번호 - PLD08VBA |
|
유사한 설명 - PLD08VBA |