| 전자부품 데이터시트 검색엔진 |
|
AP7365 데이터시트(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP7365 데이터시트(HTML) 1 Page - Diodes Incorporated |
|
1 / 21 page ![]() AP7365 600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator AP7365 Document number: DS32260 Rev. 1 - 2 1 of 21 www.diodes.com July 2010 © Diodes Incorporated Description The AP7365 is a 600mA, adjustable and fixed output voltage, low dropout linear regulator. The device included pass element, error amplifier, band-gap, current limit and thermal shutdown circuitry. The device is turned on when EN pin is set to logic high level. The characteristics of low dropout voltage and low quiescent current make it suitable for low power applications, for example, battery powered devices. The typical quiescent current is approximately 35 μA. Built-in current-limit and thermal-shutdown functions prevent IC from damage in fault conditions. This device is available with adjustable output from 0.8V to 5.0V, and fixed version with 0.8V, 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5V, 2.8V, 3.0V, 3.3V and 3.9V outputs. Please contact your local sales office for any other voltage options. The AP7365 is available in SOT25, SOT89/R-3L, SOT223/R- 3L, and DFN2020-6 packages. Features • 600mA Low Dropout Regulator with EN • Very low IQ: 35µA • Wide input voltage range: 2V to 6V • Wide adjustable output: 0.8V to 5.0V • Fixed output options: 0.8V to 3.9V (0.1V step size possible) • High PSRR: 65dB at 1kHz • Fast start-up time: 200µs • Stable with low ESR, 1µF ceramic output capacitor • Excellent Load/Line Transient Response • Low dropout: 300mV at 600mA • Current limit and short circuit protection • Thermal shutdown protection • Ambient temperature range: -40ºC to 85ºC • SOT25, SOT89/R-3L, SOT223/R-3L, DFN2020-6: Available in “Green” Molding Compound (No Br, Sb) • Lead Free Finish/ RoHS Compliant (Note 1) Applications • Servers and notebook computers • Low and medium power applications • FPGA and DSP core or I/O power • Consumer Electronics Pin Assignments SOT25 (Fixed output) IN EN OUT (Top View) 5 3 2 1 GND NC 4 SOT25 (Adj output) IN EN ADJ OUT (Top View) 5 4 3 2 1 GND GND OUT DFN2020-6 (Fixed output) (Top View) 4 IN EN NC 5 3 2 1 NC 6 GND OUT DFN2020-6 (Adj output) (Top View) 4 IN EN NC 5 3 2 1 ADJ 6 IN OUT GND (TAB) SOT89-3L (Fixed output) (Top View) 3 2 1 OUT GND IN (TAB) SOT89R-3L (Fixed output) (Top View) 3 2 1 IN OUT GND (TAB) SOT223-3L (Fixed output) (Top View) 3 2 1 OUT GND IN (TAB) SOT223R-3L (Fixed output) (Top View) 3 2 1 Notes: 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html. |
유사한 부품 번호 - AP7365 |
|
유사한 설명 - AP7365 |