| 전자부품 데이터시트 검색엔진 |
|
PT2260-R2 데이터시트(PDF) 1 Page - Princeton Technology Corp |
|
|
|||||||||||||||||||||||||||||
PT2260-R2 데이터시트(HTML) 1 Page - Princeton Technology Corp |
|
1 / 2 page ![]() Princeton Technology Corp. Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw REMOTE CONTROL ENCODER PT2260 PT2260 v 1.1 Page 1 Revised Oct. 1996 Description PT2260 is a remote control encoder paired with either PT2270 or PT 2272 utilizing CMOS Technology. It encodes data and address pins into a serial coded waveform suitable for RF modulation. PT2260 has a maximum of 10 bits tri-state address pins providing up to 59,049 (or 3 10) address codes; thereby, drastically reducing any code collision and unauthorized code scanning possibilities. PT2260 is one of the first generation of Encoder/Decoder ICs that utilizes the unique PTC Technology. When paired with PT2270, this encoder/decoder (PT2260 / PT2270) pair can operate at very wide temperature range (see Features). Thus, this very important feature enables your Encoder/Decoder to operate under the worst environmental condition. Features ! High Performance CMOS Technology ! Low Power Consumption ! Very High Noise Immunity ! Wide Operating Temperature Range: -30 oC ~ 70oC ! 8 or 10 Tri-State Code Address Pins ! 2 or 4 Data Pins ! Wider Range of Operating Voltage: 1.8 ~ 10.0 Volts ! Single Resistor Oscillator ! Least External Components Applications ! Home/Car Security System ! Garage Door Controller ! Remote Fan Controller ! Remote Control Toys |
유사한 부품 번호 - PT2260-R2 |
|
유사한 설명 - PT2260-R2 |