전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XF0699P 데이터시트(PDF) 1 Page - E-SWITCH

부품명 XF0699P
상세설명  L16PLS10JREDRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-SWITCH [E-SWITCH]
홈페이지  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0699P 데이터시트(HTML) 1 Page - E-SWITCH

  XF0699P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
L16PLS10JREDRED
2:1
12/5/2006
XF0699P
A
TN
1
1
RECOMMENDED PANEL MOUNTING
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
L16PLS10
F040002
1
1
50-003-14 RED LENS
F050314
1
2
50-004-20 12V DC RED LED
F050420
1
3
L
b(+)
a
CIRCUIT
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. OPERATING TEMP: -25
~C to +55~C
5. STORAGE TEMP: -40
~C TO +85~C
6. LAMP VOLTAGE: 12V DC LED
7.
DENOTES CRITICAL PARAMETER.
8. 2002/95/EC (ROHS) COMPLIANT
9. RATING: 250VAC @ 5A
24VDC @ 6A
18.00 MIN
[.709 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 -.000
.012
+
in
[]
7.90
[.311 in]
27.20 `.50
1.071 `.020 in
[]
3.60
[.142 in]
10.80
[.425 in]
1
2
3
A
16727
RELEASED FOR PRODUCTION
12/5/06
TN
n14.70
[.579 in]
.50
[.020 in]
18.00
[.709 in]
18.00
[.709 in]


유사한 부품 번호 - XF0699P

제조업체부품명데이터시트상세설명
logo
E-SWITCH
XF0690P E-SWITCH-XF0690P Datasheet
146Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0693P E-SWITCH-XF0693P Datasheet
44Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0695P E-SWITCH-XF0695P Datasheet
133Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
XFMRS Inc.
XF0696-00SM XFMRS-XF0696-00SM Datasheet
50Kb / 1P
COMMON MODE CHOKE
logo
E-SWITCH
XF0698P E-SWITCH-XF0698P Datasheet
130Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com