전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STE100P 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 STE100P
상세설명  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button STE100P Datasheet HTML 23Page - STMicroelectronics STE100P Datasheet HTML 24Page - STMicroelectronics STE100P Datasheet HTML 25Page - STMicroelectronics STE100P Datasheet HTML 26Page - STMicroelectronics STE100P Datasheet HTML 27Page - STMicroelectronics STE100P Datasheet HTML 28Page - STMicroelectronics STE100P Datasheet HTML 29Page - STMicroelectronics STE100P Datasheet HTML 30Page - STMicroelectronics STE100P Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
27/31
STE100P
Figure 15. 100BaseT Transmit Timing
Table 9.
Parameter
Sym
Min
Typ
Max
Units
TXD, TX_EN, TX_ER Setup to TX_CLK High
t2A
10
-
-
ns
TXD, TX_EN, TX_ER Hold from TX_CLK High
t2B
5
-
-
ns
TX_EN sampled to CRS asserted
t2C
-
30
40
ns
TX_EN sampled to CRS de-asserted
t2D
-
40
160
ns
TX_EN sampled to TXP out (Tx latency)
t2E
60
100
140
ns
BT is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit rate.
TXP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31