전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7MC1XX 데이터시트(PDF) 52 Page - STMicroelectronics

부품명 ST7MC1XX
상세설명  8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1XX 데이터시트(HTML) 52 Page - STMicroelectronics

Back Button ST7MC1XX Datasheet HTML 48Page - STMicroelectronics ST7MC1XX Datasheet HTML 49Page - STMicroelectronics ST7MC1XX Datasheet HTML 50Page - STMicroelectronics ST7MC1XX Datasheet HTML 51Page - STMicroelectronics ST7MC1XX Datasheet HTML 52Page - STMicroelectronics ST7MC1XX Datasheet HTML 53Page - STMicroelectronics ST7MC1XX Datasheet HTML 54Page - STMicroelectronics ST7MC1XX Datasheet HTML 55Page - STMicroelectronics ST7MC1XX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 309 page
background image
ST7MC1xx/ST7MC2xx
52/309
POWER SAVING MODES (Cont’d)
8.4 ACTIVE-HALT AND HALT MODES
Active-halt and Halt modes are the two lowest
power consumption modes of the MCU. They are
both entered by executing the ‘HALT’ instruction.
The decision to enter either in Active-halt or Halt
mode is given by the MCC/RTC interrupt enable
flag (OIE bit in MCCSR register).
8.4.1 ACTIVE-HALT MODE
Active-halt mode is the lowest power consumption
mode of the MCU with a real-time clock available.
It is entered by executing the ‘HALT’ instruction
when the OIE bit of the Main Clock Controller Sta-
tus register (MCCSR) is set (see section 6.4 on
page 37 for more details on the MCCSR register).
The MCU can exit Active-halt mode on reception
of either an MCC/RTC interrupt, a specific inter-
rupt
(see
Table 8,
“Interrupt
Mapping,”
on
page 44) or a RESET. When exiting Active-halt
mode by means of an interrupt, no 256 or 4096
CPU cycle delay occurs. The CPU resumes oper-
ation by servicing the interrupt or by fetching the
reset vector which woke it up (see Figure 29).
When entering Active-halt mode, the I[1:0] bits in
the CC register are forced to ‘10b’ to enable inter-
rupts. Therefore, if an interrupt is pending, the
MCU wakes up immediately.
In Active-halt mode, only the main oscillator and its
associated counter (MCC/RTC) are running to
keep a wake-up time base. All other peripherals
are not clocked except those which get their clock
supply from another clock generator (such as ex-
ternal or auxiliary oscillator).
The safeguard against staying locked in Active-
halt mode is provided by the oscillator interrupt.
Note: As soon as the interrupt capability of one of
the oscillators is selected (MCCSR.OIE bit set),
entering Active-halt mode while the Watchdog is
active does not generate a RESET.
This means that the device cannot spend more
than a defined delay in this power saving mode.
Figure 28. Active-halt Timing Overview
Figure 29. Active-halt Mode Flow-chart
Notes:
1. This delay occurs only if the MCU exits Active-
halt mode by means of a RESET.
2. Peripheral clocked with an external clock source
can still be active.
3. Only the MCC/RTC interrupt and some specific
interrupts can exit the MCU from Active-halt mode
(such as external interrupt). Refer to Table 8, “In-
terrupt Mapping,” on page 44 for more details.
4. Before servicing an interrupt, the CC register is
pushed on the stack. The I[1:0] bits of the CC reg-
ister are set to the current software priority level of
the interrupt routine and restored when the CC
register is popped.
MCCSR
OIE bit
Power Saving Mode entered when HALT
instruction is executed
0
Halt mode
1
Active-halt mode
HALT
RUN
RUN
256 OR 4096 CPU
CYCLE DELAY 1)
RESET
OR
INTERRUPT
HALT
INSTRUCTION
FETCH
VECTOR
ACTIVE
[MCCSR.OIE=1]
HALT INSTRUCTION
RESET
INTERRUPT 3)
Y
N
N
Y
CPU
OSCILLATOR
PERIPHERALS 2)
I[1:0] BITS
ON
OFF
10
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
OSCILLATOR
PERIPHERALS
I[1:0] BITS
ON
OFF
XX 4)
ON
CPU
OSCILLATOR
PERIPHERALS
I[1:0] BITS
ON
ON
XX 4)
ON
256 OR 4096 CPU CLOCK
CYCLE DELAY
(MCCSR.OIE=1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com