전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T63Q6F 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 M41T63Q6F
상세설명  Serial real-time clocks with alarm
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63Q6F 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button M41T63Q6F Datasheet HTML 33Page - STMicroelectronics M41T63Q6F Datasheet HTML 34Page - STMicroelectronics M41T63Q6F Datasheet HTML 35Page - STMicroelectronics M41T63Q6F Datasheet HTML 36Page - STMicroelectronics M41T63Q6F Datasheet HTML 37Page - STMicroelectronics M41T63Q6F Datasheet HTML 38Page - STMicroelectronics M41T63Q6F Datasheet HTML 39Page - STMicroelectronics M41T63Q6F Datasheet HTML 40Page - STMicroelectronics M41T63Q6F Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
M41T62/63/64/65
Part numbering
Doc ID 10397 Rev 14
39/41
7
Part numbering
Table 20.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
M41T
62
Q
6
F
Device family
M41T
Device type and supply voltage
62 = VCC = 1.3 V to 4.4 V
63 = VCC = 1.3 V to 4.4 V
64 = VCC = 1.3 V to 4.4 V
65 = VCC = 1.3 V to 4.4 V
Package
Q = QFN16 (3 mm x 3 mm)
Temperature range
6 = –40 °C to 85 °C
Shipping method for SOIC
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com